PART |
Description |
Maker |
N800005 |
Contact Ratings:25mA, 24VDC.
|
E-SWITCH
|
N800603 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800208 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800104 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
N800209 |
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
|
E-SWITCH
|
SSC SSC032AAA SSC032FAA SSC012BAA SSC012AAA SSC032 |
Specification Grade Discrete Plug-in OFF-DELAY RELAY, DPDT, MOMENTARY, 24VDC (COIL), 3000mW (COIL), 10A (CONTACT), 28VDC (CONTACT), 600s, SOCKET MOUNT INTERVAL-DELAY RELAY, DPDT, MOMENTARY, 24VDC (COIL), 3000mW (COIL), 10A (CONTACT), 28VDC (CONTACT), 300s, SOCKET MOUNT
|
Tyco Electronics
|
ARD32024 ARD22012Q ARD22024Q ARD25124Q ARD25105 AR |
RF COAXIAL RELAY, SP6T, LATCHED, 0.038A (COIL), 24VDC (COIL), 900mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 13000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 0.104A (COIL), 12VDC (COIL), 1250mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 0.058A (COIL), 24VDC (COIL), 1400mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 24VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 5VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 12VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 24VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 5VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.038A (COIL), 24VDC (COIL), 900mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 26500MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 5VDC (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 26500MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.04A (COIL), 24VDC (COIL), 970mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 26500MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.07A (COIL), 12VDC (COIL), 840mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 26500MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SPDT-TRANSFER, LATCHED, 0.128A (COIL), 12VDC (COIL), 1540mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 18000MHz, 120W (RF INPUT), PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.187A (COIL), 4.5VDC (COIL), 840mW (COIL), 0.1A (CONTACT), 30VDC (CONTACT), 13000MHz, 120W (RF INPUT), PANEL MOUNT
|
|
HRDB12A1 HRDB11A100M HRDB320 |
OFF-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 20A (CONTACT), 28VDC (CONTACT), 1-100s, SURFACE MOUNT-STRAIGHT OFF-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 20A (CONTACT), 28VDC (CONTACT), 888-888s, 6000s, SURFACE MOUNT-STRAIGHT OFF-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 20A (CONTACT), 28VDC (CONTACT), 0.1-10s, SURFACE MOUNT-STRAIGHT
|
ABB SWITZERLAND LTD SEMICONDUCTORS
|
G5RL-1A-E-HR G5RL-1A-E-LN G5RL-1A-LN G5RL-1-E G5RL |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 750mW (COIL), 16A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT PCB Relay
|
Omron Electronics LLC
|
GBL210 GBL208 |
Maximum Ratings & Thermal Characteristics Ratings at 25ambient temperature unless otherwise specified.
|
乐山无线电股份有限公
|
D3047 |
RF RELAY, DPDT, LATCHED, 0.006A (COIL), 24VDC (COIL), 150mW (COIL), 2A (CONTACT), 125VDC (CONTACT), 900MHz, THROUGH HOLE-STRAIGHT MOUNT
|
TYCO ELECTRONICS ELCON
|
|